PART |
Description |
Maker |
THNCFXXXMBA THNCF008MBA THNCF008MBAI THNCF016MBA T |
TENTATIVE - SMALL FORM FACTOR CARD The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
|
TOSHIBA[Toshiba Semiconductor]
|
THNCFXXXBAI THNCF096MBA THNCF096MBAI THNCF192MBAI |
Small Form Factor Card The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card. 在THNCFxxxMBA /白系列CF卡是闪存技术,ATA接口的闪存卡的
|
Toshiba Corporation Toshiba, Corp.
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
SPS-43-48H-CP-CDF-SD |
Small Form Factor Pluggable, Simple SC Connector
|
Source Photonics, Inc.
|
DS_SCENIC_C620 |
SCENIC C620 Green PC Small Form Factor PC
|
FUJITSU[Fujitsu Media Devices Limited]
|
PL-KP2-00-000-15 |
Small Form Factor Pluggable Press-Fit Cage
|
JDS Uniphase Corporation
|
LCP-1250B |
RoHS Compliant Small Form Factor Pluggable Transceiver
|
Delta Electronics
|
HFBR-5730LP HFBR-5730L |
HFBR-5730L · 1.0625 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Fibre Channel: Standard delatch HFBR-5730LP · 1.0625 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Fibre Channel: Bail-wire delatch
|
Agilent (Hewlett-Packard)
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L39 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR SINGLE MODE 1300 NM MULTIRATE UP TO 155 MBIT/S TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR
|
Infineon Technologies AG
|
1717222101 |
zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-2
|
Molex Electronics Ltd.
|